Part Number Hot Search : 
C3030 T89C5115 A2040 EH8010ZI 02N60Z AD9154 128160 BAT1000
Product Description
Full Text Search
 

To Download 0528082070 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/05/2010 please check www.molex.com for latest part information part number: 0528082070 status: active overview: description: 1.00mm (.039") pitch ffc/fpc connector, smt, vertical, non-zif receptacle, 20 circuits, lead-free agency certification ul e29179 general product family ffc/fpc connectors series 52808 overview ffc_fpc_smt product name n/a physical circuits (loaded) 20 circuits (maximum) 20 color - resin natural contact position n/a durability (mating cycles max) 10 entry angle n/a flammability 94v-0 mated height (in) 0.199 in mated height (mm) 5.05 mm material - metal phosphor bronze material - plating mating tin-bismuth material - plating termination tin-bismuth material - resin high temperature thermoplastic number of rows 1 orientation vertical pcb locator no pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm pitch - term. interface (in) 0.039 in pitch - term. interface (mm) 1.00 mm plating min: mating (in) 40 plating min: mating (m) 1 plating min: termination (in) 40 plating min: termination (m) 1 polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating -20c to +80c termination interface: style surface mount wire/cable type ffc/fpc electrical current - maximum per contact 0.5a voltage - maximum 125v ac (rms)/dc material info reference - drawing numbers packaging specification spk-52808-001 eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 52808 series
product specification ps-52808-004, rps-52808-039, rps-52808-044, rps-52808-045, rps-52808-047, rps-52808-048, rps-52808-049 sales drawing sd-52808-027, sd-52808-028 this document was generated on 06/05/2010 please check www.molex.com for latest part information









▲Up To Search▲   

 
Price & Availability of 0528082070

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X